Part Number Hot Search : 
NJU7074D BDX20 T121020 TG40E80 ASTMB545 UPD16 45580 EPG4001S
Product Description
Full Text Search
 

To Download NE532D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Low power dual operational amplifiers
NE/SA/SE532/ LM158/258/358/A/2904
DESCRIPTION
The 532/358/LM2904 consists of two independent, high gain, internally frequency-compensated operational amplifiers internally frequency-compensated operational amplifiers designed specifically to operate from a single power supply over a wide range of voltages. Operation from dual power supplies is also possible, and the low power supply current drain is independent of the magnitude of the power supply voltage.
PIN CONFIGURATIONS
D, FE, N Packages
OUTPUT A INVERTING INPUT A NON INVERTING INPUT A V-
1 2 3 4 A -+ B +-
8 7 6 5
V+ OUTPUT B INVERTING INPUT B NON INVERTING INPUT B
UNIQUE FEATURES
In the linear mode the input common-mode voltage range includes ground and the output voltage can also swing to includes ground and the output voltage can also swing to ground, even though operated from only a single power supply voltage. The unity gain cross frequency is temperature-compensated. The input bias current is also temperature-compensated. Figure 1. Pin Configuration
SL00282
* Wide power supply range single supply--3VDC to 30VDC or dual * Very low supply current drain (400A)--essentially independent of * Low input biasing current--45nADC temperature-compensated * Low input offset voltage--2mVDC and offset current--5nADC * Differential input voltage range equal to the power supply voltage * Large output voltage--0VDC to V+ 1.5VDC swing
supply voltage (1mW/op amp at +5VDC) supplies--1.5VDC to 15VDC
FEATURES
* Internally frequency-compensated for unity gain * Large DC voltage gain--100dB * Wide bandwidth (unity gain)--1MHz (temperature-compensated)
EQUIVALENT CIRCUIT
v+
6 A
100A
6A Q5 Q6 CC Q7
Q2 Q1
Q3 Q4
RSC
OUTPUT
INPUTS + Q10 Q8 Q9
Q11
Q13
Q12
50A
SL00283
Figure 2. Equivalent Circuit
1995 Nov 27
1
853-1241 16050
Philips Semiconductors
Product specification
Low power dual operational amplifiers
NE/SA/SE532/ LM158/258/358/A/2904
ORDERING INFORMATION
DESCRIPTION 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Ceramic Dual In-Line Package (CERDIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Ceramic Dual In-Line Package (CERDIP) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Plastic Small Outline (SO) Package 8-Pin Plastic Dual In-Line Package (DIP) 8-Pin Ceramic Dual In-Line Package (CERDIP) TEMPERATURE RANGE 0 to +70C 0 to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +125C -40C to +125C -55C to +125C -25C to +125C -25C to +125C 0 to +70C 0 to +70C 0 to +70C 0 to +70C -55C to +125C -55C to +125C ORDER CODE NE532D NE532N SA532D SA532N SA532FE LM2904D LM2904N LM158FE LM258N LM258D LM358D LM358N LM358AN LM358AD SE532N SE532FE DWG # SOT96-1 SOT97-1 SOT96-1 SOT97-1 0580A SOT96-1 SOT97-1 0580A SOT97-1 SOT96-1 SOT96-1 SOT97-1 SOT97-1 SOT96-1 SOT97-1 0580A
ABSOLUTE MAXIMUM RATINGS
SYMBOL VS VIN Supply voltage, V+ Differential input voltage Input voltage Maximum power dissipation TA=25C (Still air)1 FE package N package D package Output short-circuit to GND5 V+<15 VDC and TA=25C Operating ambient temperature range NE532/LM358/LM358A TA LM258 LM2904 SA532 SE532/LM158 TSTG TSOLD Storage temperature range Lead soldering temperature (10sec max) 0 to +70 -25 to +85 -40 to +125 -40 to +85 -55 to +125 -65 to +150 300 C C C C C C C Continuous PARAMETER RATING 32 or 16 32 -0.3 to +32 UNIT VDC VDC VDC
PD
780 1160 780
mW mW mW
NOTES: 1. Derate above 25C, at the following rates: FE package at 6.2mW/C N package at 9.3mW/C D package at 6.2mW/C
1995 Nov 27
2
Philips Semiconductors
Product specification
Low power dual operational amplifiers
NE/SA/SE532/ LM158/258/358/A/2904
DC ELECTRICAL CHARACTERISTICS
TA = 25C, V+=+5V, unless otherwise specified. SYMBOL PARAMETER TEST CONDITIONS RS=0 RS=0, over temp. RS=0, over temp. IIN (+)-IIN (-) Over temp. Over temp. IIN (+) or IIN (-) Over temp., IIN (+) or IIN (-) Over temp. V+=30V Over temp., V+=30V V+=30V RL2k, V+=30V, over temp. RL10k, V+=30V, over temp. VOL ICC Output voltage swing Supply current RL10k, over temp. RL=, V+=30V RL= on all amplifiers, over temp., V+ =30V RL2k, VOUT 10V, V+=15V (for large VO swing) over temp. RS=0 f=1kHz to 20kHz (input referred) VIN+=+1VDC, VIN-=0VDC, V+=15VDC VIN+=+1VDC, VIN-=0VDC, V+=15VDC, over temp. Sink VIN-=+1VDC, VIN+=0VDC, V+=15VDC VIN-=+1VDC, VIN+=0VDC, V+=15VDC, over temp. VIN+=0V, VIN-=+1VDC, VO=200mV ISC GBW SR VNOISE Short circuit current5 TA=25C TA=25C TA=25C, f=1kHz Differential input voltage6 Unity gain bandwidth Slew rate Input noise voltage 1 0.3 40 20 10 10 5 12 50 25 0 0 70 26 27 28 5 0.5 0.6 20 1.0 1.2 85 SE532, LM158/258 Min VOS VOS IOS IOS IBIAS IB VCM Offset voltage1 Drift Offset current Drift Input current2 Drift Common-mode voltage range3 CMRR VOH Common-mode rejection ratio Output voltage swing Typ 2 7 3 10 45 40 50 V+-1.5 V+-2.0 0 0 65 26 27 28 5 0.5 0.6 20 1.0 1.2 70 150 300 30 100 Max 5 7 NE/SA532/ LM358/LM2904 Min Typ 2 7 5 10 45 40 50 V+-1.5 V+-2.0 250 500 50 150 Max 7 9 mV mV V/C nA nA pA/C nA nA pA/C V V dB V V mV mA mA UNIT
AVOL
Large-signal voltage gain
100
25 15
100
V/mV V/mV
PSRR
Supply voltage rejection ratio Amplifier-to-amplifier coupling4
65
100 -120 40 20 20 8 50 40 60 V+
65
100 -120
dB dB mA mA mA mA A 60 V+ mA V MHz V/s nV/Hz
IOUT
Output current Source
20 10 10 5 12
40 20 20 8 50 40 1 0.3 40
1995 Nov 27
3
Philips Semiconductors
Product specification
Low power dual operational amplifiers
NE/SA/SE532/ LM158/258/358/A/2904
DC ELECTRICAL CHARACTERISTICS TA=25C, V+=+5V, unless otherwise specified.
SYMBOL VOS VOS IOS IOS IBIAS IB VCM CMRR VOH PARAMETER Offset voltage1 Drift Offset current Drift Input current2 Drift Common-mode voltage range3 Common-mode rejection ratio Output voltage swing TEST CONDITIONS RS=0 RS=0, over temp. RS=0, over temp. IIN (+)-IIN (-) Over temp. Over temp. IIN (+) or IIN (-) Over temp., IIN (+) or IIN (-) Over temp. V+=30V Over temp., V+=30V V+=30V RL2k, V+=30V, over temp. RL10k, V+=30V, over temp. VOL ICC Output voltage swing Supply current RL10k, over temp. RL=, V+=30V RL= on all amplifiers, over temp., V+ =30V RL2k, VOUT 10V, V+=15V (for large VO swing) over temp. RS=0 f=1kHz to 20kHz (input referred) VIN+=+1VDC, VIN-=0VDC, V+=15VDC VIN+=+1VDC, VIN-=0VDC, V+=15VDC, over temp. Sink VIN-=+1VDC, VIN+=0VDC, V+=15VDC VIN-=+1VDC, VIN+=0VDC, V+=15VDC, over temp. VIN+=0V, VIN-=+1VDC, VO=200mV ISC GBW SR VNOISE Short circuit current5 TA=25C TA=25C TA=25C, f=1kHz Differential input voltage6 Unity gain bandwidth Slew rate Input noise voltage 1 0.3 40 20 10 10 5 12 25 15 65 0 0 65 26 27 28 5 0.5 0.6 20 1.0 1.2 85 LM358A Min Typ 2 7 5 10 45 40 50 V+-1.5 V+-2.0 Max 3 5 20 30 75 300 100 200 UNIT mV mV V/C nA nA pA/C nA nA pA/C V V dB V V mV mA mA
AVOL PSRR
Large-signal voltage gain
100
V/mV V/mV dB dB mA mA mA mA A 60 V+ mA V MHz V/s nV/Hz
Supply voltage rejection ratio Amplifier-to-amplifier coupling4 Output current Source
100 -120 40 20 20 8 50 40
IOUT
NOTES: 1. VO 1.4V, RS=0 with V+ from 5V to 30V; and over the full input common-mode range (0V to V+ -1.5V). 2. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the input lines. 3. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is V+ -1.5V, but either or both inputs can go to +32V without damage. 4. Due to proximity of external components, insure that coupling is not originating via stray capacitance between these external parts. This typically can be detected as this type of capacitance coupling increases at higher frequencies. 5. Short-circuits from the output to V+ can cause excessive heating and eventual destruction. The maximum output current is approximately 40mA independent of the magnitude of V+. At values of supply voltage in excess of +15VDC, continuous short-circuits can exceed the power dissipation ratings and cause eventual destruction. 6. The input common-mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is V+ -1.5V, but either or both inputs can go to +32VDC without damage.
1995 Nov 27
4
Philips Semiconductors
Product specification
Low power dual operational amplifiers
NE/SA/SE532/ LM158/258/358/A/2904
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current
4 SUPPLY CURRENT DRAIN (mADC ) 90 80 OUTPUT CURRENT (mADC) 3 A VOL -- VOLTAGE GAIN (dB) 70 60 50 40 30 20 10 40 0 55 35 -15 5 25 45 65 85 105 125 TEMPERATURE (oC) 0 0 10 20 30 40 120 RL + 2 k 80
Current Limiting
160
Voltage Gain
RL + 20 k
2
1
TA = 0oC to +125oC TA = 55oC 0 10 20 30
40
0
SUPPLY VOLTAGE (VDC)
SUPPLY VOLTAGE (VDC)
OUTPUT VOLTAGE (V)
Open-Loop Frequency Response
140 120 VIN VOLTAGE GAIN (dB) 100 80 60 40 V+ = 10 to 15 VDC AND 20 -55oC < TA < +125oC 0 1 10 100 1K 10K 100K 1M 10M V+ = 30 VDC AND -55oC < TA < +125oC V+/2 0.1f - + VO V+ 20 10M VO -- OUTPUT SWING (Vp-p ) 15
Large-Signal Frequency Response
VDC 1K - + VIN 10 100K
Voltage-Follower Response
4 3 2 1 0 RL < 2K V+ 15 VDC
+7 VDC
V 2K O
INPOUT VOLTAGE (V)
3 2 1 0 0 10 20 TIME (S) 30 40
5
0 FREQUENCY (Hz)
1K
10K
100K
1M
FREQUENCY (Hz)
Voltage-Follower Pulse Response (Small-Signal)
500 V - OUTPUT VOLTAGE REFERENCE TO V+ (VD ) DC 8
Output Characteristics Current Sourcing
10 V+ VO - OUTPUT VOLTAGE (VDC )
Output Characteristics Current Sinking
V+ = +5 VDC V+ = +15 VDC V+ = +30 VDC
EO - OUTPUT VOLTAGE (mV)
7 6 5 4 3 2 1 0.001 INDEPENDENT OF V+ TA = +25oC +V+ /2 + - IO V2
450 IN 400
EO 50pF
1 V+ V+ /2 0.1 - + VO IO
350 OUTPUT 300 250 0
INPUT
TA = +25oC V+ = +30 VDC 1 2 3 4 5 6 7 8
TA = +25oC 0.01 0.1 1 10 100 0.01 0.001 0.01 0.1 1 10 100
t -- TIME (S)
IO+ - OUTPUT SOURCE CURRENT (mA DC)
IO - OUTPUT SINK CURRENT (mA DC)
SL00284
Figure 3. Typical Performance Characteristics
1995 Nov 27
5
Philips Semiconductors
Product specification
Low power dual operational amplifiers
NE/SA/SE532/ LM158/258/358/A/2904
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
CMRR -- COMMON-MODE REJECTION RATIO (dB)
Input Voltage Range
15 90 80 +V IN -- INPUT VOLTAGE ( +VDC) I B - INPUT CURRENT (nA DC ) 70 60 50 40 30 20 10 0 -55 -35 -15
Input Current
VCM = 0 VDC V+ = +30 VDC
Common-Mode Rejection Ratio
120
100
10 NEGATIVE POSITIVE 5
80 +7.5 VDC 60 100 40 + VIN 20 0 100 1k 10k 100k f -- FREQUENCY (Hz) 1M 100k 7.5 VDC 100 - + VO 100k
V+ = +15 VDC
V+ = +5 VDC
0
5
10
15
5
25
45
65
85 105 125
V+ OR V- -- POWER SUPPLY VOLTAGE (+ VDC)
TA -- TEMPERATURE (Co)
SL00285
Figure 4. Typical Performance Characteristics (cont.)
TYPICAL APPLICATIONS
RF V+ RIN VIN 8 V+
- +
4 RL V+ 2 BLOCKS DC. GAIN V+ VO V+ 2 VIN
10K
V+ 8
- + 10k
4
VO
R1
RF
Single Supply Inverting Amplifier
10K
VIN
V+ 8
Input Biasing Voltage Follower
- +
4 VO
10k
Non-Inverting Amplifier
SL00286
Figure 5. Typical Applications
1995 Nov 27
6


▲Up To Search▲   

 
Price & Availability of NE532D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X